PART |
Description |
Maker |
OL392L OL3492L OL392L_3492L |
FIBER OPTIC DFB LASER MODULE EMITTER, 1280-1340nm, PANEL MOUNT 1.3 ?? Coaxial DFB Laser Module From old datasheet system 1.3 レm Coaxial DFB Laser Module 1.3 μm Coaxial DFB Laser Module 1.3 m Coaxial DFB Laser Module
|
OKI ELECTRIC INDUSTRY CO LTD OKI SEMICONDUCTOR CO., LTD. OKI[OKI electronic componets] OKI electronic components
|
OL397N OL392N OL3492N OL3497N OL391N |
Hight Temperature Operation 1.3 mm Laser-Diode Coaxial Module
|
OKI electronic components OKI SEMICONDUCTOR CO., LTD. OKI[OKI electronic componets] http://
|
NX7539BB-AA |
1 550 nm InGaAsP MQW-FP LASER DIODE COAXIAL MODULE FOR OTDR APPLICATION
|
California Eastern Laboratories
|
NX7338BF-AA NX7338BF-AA-AZ |
1 310 nm InGaAsP MQW-FP LASER DIODE COAXIAL MODULE FOR OTDR APPLICATION
|
California Eastern Labs
|
NX7339BB-AA |
1 310 nm InGaAsP MQW-FP LASER DIODE COAXIAL MODULE FOR OTDR APPLICATION
|
http://
|
NX7339BB-AA |
1 310 nm InGaAsP MQW-FP LASER DIODE COAXIAL MODULE FOR OTDR APPLICATION
|
California Eastern Laboratories
|
NX7337BF-AA NX7337BF-AA-AZ |
1 310 nm InGaAsP MQW-FP LASER DIODE COAXIAL MODULE FOR OTDR APPLICATION
|
CEL[California Eastern Labs]
|
NDL7740PA |
1 500 nm OPTICAL FIBER COMMUNICATIONS InGaAsP MQW-DFB LASER DIODE COAXIAL MODULE
|
NEC[NEC]
|
NDL7620P NDL7620P1 NDL7620P1C NDL7620P1D NDL7620P2 |
1 310 nm OPTICAL FIBER COMMUNICATIONS InGaAsP STRAINED MQW-DFB LASER DIODE COAXIAL MODULE FOR 2.5 Gb/s
|
NEC
|
6806-15 |
0 MHz - 2000 MHz, 290 deg - RF/MICROWAVE COAXIAL MECHANICAL PH SHIFTER DC TO 2, 4 AND 8 GHz, COAXIAL
|
SPECTRUM CONTROL INC API Technologies Corp
|
NDL7001 NDL7001L NDL7401P NDL7401P1 NDL7401P1C NDL |
1 310 nm InGaAsP STRAINED MQW DC-PBH LASER DIODE COAXIAL MODULE WITH SINGLE MODE FIBER 1 310纳米InGaAsP的应变量子阱的DC -异质结半导体激光器同轴模块与单模光
|
NEC, Corp. NEC Corp. NEC[NEC]
|
R573002345 R573002340 R573502410 R574183980 R57308 |
RF COAXIAL RELAY, SP3T, MOMENTARY, 0.25A (COIL), 12VDC (COIL), 3000mW (COIL), 3000MHz, PANEL MOUNT RF COAXIAL RELAY, SP4T, MOMENTARY, 0.25A (COIL), 12VDC (COIL), 3000mW (COIL), 3000MHz, PANEL MOUNT RF COAXIAL RELAY, SP9T, LATCHED, 0.5A (COIL), 28VDC (COIL), 14000mW (COIL), 12400MHz, PANEL MOUNT RF COAXIAL RELAY, SP12T, LATCHED, 1.28A (COIL), 12VDC (COIL), 15360mW (COIL), 3000MHz, PANEL MOUNT RF COAXIAL RELAY, SP6T, LATCHED, 0.375A (COIL), 28VDC (COIL), 10500mW (COIL), 12400MHz, PANEL MOUNT RF COAXIAL RELAY, SP11T, LATCHED, 1.375A (COIL), 28VDC (COIL), 38500mW (COIL), 3000MHz, PANEL MOUNT RF COAXIAL RELAY, SP10T, LATCHED, 3.2A (COIL), 12VDC (COIL), 38400mW (COIL), 12400MHz, PANEL MOUNT RF COAXIAL RELAY, SP12T, LATCHED, 1.5A (COIL), 28VDC (COIL), 42000mW (COIL), 12400MHz, PANEL MOUNT RF COAXIAL RELAY, SP4T, MOMENTARY, 0.102A (COIL), 28VDC (COIL), 2856mW (COIL), 3000MHz, PANEL MOUNT
|
Radiall S.A. RADIALL S A
|
|